PART |
Description |
Maker |
74VCXH162373 74VCXH162373MTD 74VCXH162373MTX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26-Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26ヘ Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with Bushold and 26Ω Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74ALVC162373 74ALVC162373T 74ALVC162373TX |
Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in Outputs From old datasheet system Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in Outputs Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74VCXH16373 74VCXH16373MTD |
Low Voltage 16-Bit Transparent Latch with Bushold
|
Fairchild Semiconductor
|
74VCX16373MTD 74VCX16373 74VCX16373MTDXNL |
Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74LCXH16373 74LCXH16373MTD 74LCXH16373GX 74LCXH163 |
Low Voltage 16-Bit Transparent Latch with Bushold From old datasheet system 8-Bit D-Type Latch LVC/LCX/Z SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
M27V201 M27V201-100B1TR M27V201-100B6TR M27V201-10 |
2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 48-TSSOP -40 to 85 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2兆位56Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-TSSOP -40 to 85 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2兆位256Kb × 8低压紫外线可擦写可编程只读存储器和OTP存储 2.5-V/3.3-V 16-Bit Buffers/Drivers With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-TVSOP -40 to 85 2.5-V/3.3-V 16-Bit Bus Transceivers With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 Fuse Holder; Mounting Type:PC Board; For Use With:PC Board Fuses; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Voltage Rating, AC:250V; Voltage Rating, DC:450V; Accessory Type:Mounting Socket 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-TVSOP -40 to 85 2.5-V/3.3-V 20-Bit Buffers/Drivers With 3-State Outputs 56-TSSOP -40 to 85 16 Mbit 2Mb x8 or 1Mb x16 Low Voltage UV EPROM and OTP EPROM NND - 2 MBIT (256KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
74VCXH162373MTD 74VCXH162373MTX |
Low Voltage 16-Bit Transparent Latch with Bushold and 26 Ohm Series Resistors in Outputs
|
Fairchild Semiconductor
|
74VCX16373-D 74VCX16373DT |
8-Bit D-Type Latch 8位D型锁存器 Low-Voltage 1.8/2.5/3.3V 16-Bit Transparent Latch With 3.6V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
MC74LCX16373-D |
Low-Voltage CMOS 16-Bit Transparent Latch With 5 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
|
ON Semiconductor
|
74LCX162373_05 74LCX162373 74LCX162373GX 74LCX1623 |
Low Voltage 16-Bit Transparent Latch with 5V Tolerant Inputs and Outputs and 26ohm Series Resistor
|
FAIRCHILD[Fairchild Semiconductor]
|
74ALVC16373MTDX 74ALVC16373 74ALVC16373GX 74ALVC16 |
Triple 3-Input Positive-AND Gates 14-SOIC -40 to 85 ALVC/VCX/A SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Low Voltage 16-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
74VCX32373 74VCX32373GX |
Low Voltage 32-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs (Preliminary) 低电32位透明锁存器,.6V耐压输入和输出(初步 From old datasheet system
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|